Part Number Hot Search : 
RC1313 67BZI HC404 P1602ACL KA2242 100LB H220M 74LS74A
Product Description
Full Text Search
 

To Download SB170-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: SB170 SB180 SB190 SB1100
SB170 - SB1100
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * *
Schottky Barrier Chip Guard Ring Die Construction for Transient Protection Ideally Suited for Automatic Assembly Low Power Loss, High Efficiency Surge Overload Rating to 25A Peak For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Application High Temperature Soldering: 260C/10 Second at Terminal Lead Free Finish, RoHS Compliant (Note 3)
NEW PRODUCT
A
B
A
C
D
Mechanical Data
* * * * * * * * *
Case: DO-41 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Bright Tin. Plated Leads - Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Mounting Position: Any Ordering Information: See Last Page Marking: Type Number Weight: 0.3 grams (approximate) Dim A B C D DO-41 Min 25.4 4.1 0.71 2.0 Max 3/4 5.2 0.86 2.7
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TT = 85C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage @ IF = 1.0A Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Lead Typical Thermal Resistance Junction to Ambient (Note 1) Operating and Storage Temperature Range
Notes:
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJL RqJA Tj, TSTG
SB170 70 49
SB180 80 56 1.0 25 0.80 0.5 10 80 15 50
SB190 90 63
SB1100 100 70
Unit V V A A V mA pF K/W K/W C
@ TA = 25C @ TA = 25C @ TA = 100C
-65 to +125
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS30116 Rev. 3 - 1
1 of 2 www.diodes.com
SB170 - SB1100
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (A)
20 10
I(O), AVERAGE FORWARD CURRENT (A)
NEW PRODUCT
1.0
0.5
1.0
Tj = 25 C
0 25 50 75 100 125 150
0.1 0.1 0.5 0.9 1.3 1.7 2.1
TL, LEAD TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
40
Tj = 150 C
1000
30
Cj, JUNCTION CAPACITANCE (pF)
Single Half Sine-Wave (JEDEC Method)
Tj = 25 C f = 1.0MHz
20
100
10
0 1 10 100
10 0.1 1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Ordering Information
Device SB170-A SB170-B SB170-T SB180-A SB180-B SB180-T SB190-A SB190-B SB190-T SB1100-A SB1100-B SB1100-T
Notes:
(Note 4) Packaging DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 Shipping 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS30116 Rev. 3 - 1
2 of 2 www.diodes.com
SB170 - SB1100


▲Up To Search▲   

 
Price & Availability of SB170-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X